| データシートサーチシステム |
|
UCD3138RMHT データシート(PDF) 87 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3138RMHT データシート(HTML) 87 Page - Texas Instruments |
|
87 / 99 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 18-Jun-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant UCD3138RGCR VQFN RGC 64 2000 330.0 16.4 9.3 9.3 1.1 12.0 16.0 Q2 UCD3138RGCRG4 VQFN RGC 64 2000 330.0 16.4 9.3 9.3 1.1 12.0 16.0 Q2 UCD3138RGCT VQFN RGC 64 250 180.0 16.4 9.3 9.3 1.1 12.0 16.0 Q2 UCD3138RHAR VQFN RHA 40 2500 330.0 16.4 6.3 6.3 1.1 12.0 16.0 Q2 UCD3138RJAR VQFN RJA 40 3000 330.0 16.4 6.3 6.3 1.1 12.0 16.0 Q2 UCD3138RJAT VQFN RJA 40 250 180.0 16.4 6.3 6.3 1.1 12.0 16.0 Q2 UCD3138RMHR WQFN RMH 40 2000 330.0 16.4 6.3 6.3 1.1 12.0 16.0 Q2 UCD3138RMHT WQFN RMH 40 250 180.0 16.4 6.3 6.3 1.1 12.0 16.0 Q2 Pack Materials-Page 1 |