| データシートサーチシステム |
|
FM-RX2-418F-5V データシート(PDF) 6 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
FM-RX2-418F-5V データシート(HTML) 6 Page - rfsolutions.ltd |
|
6 / 9 page ![]() DS000022 Rev D July ‘99 ©1999 REG No 277 4001, ENGLAND. Page 6 FM TRANSMITTER & RECEIVER FM-TX2-XXX MODULES. (2ND GENERATION) FM-RX2-XXX Module test circuits ∗ The PNP transistor enables a CMOS compatible Carrier Detect signal to be derived from pin 3. If no CD signal required pin 3 should be connected directly to pin 5 (Vcc) Module mounting considerations The modules may be mounted horizontally or vertically on an area of ground plane preferably close to the antenna to minimise feed length. The receiver and it’s antenna should be kept away from sources of interference (micro’s, SMPS etc.). The modules may be potted if required in a viscous compound which can not enter the screen can.. Warning: Do NOT wash the modules. They are not hermetically sealed. ffiigg..5 5:: T TX X22 tteesstt cciirrccu uiitt ffiigg..6 6:: R RX X22 tteesstt cciirrccu uiitt |