| データシートサーチシステム |
|
XP-C データシート(PDF) 14 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
XP-C データシート(HTML) 14 Page - Cree LED |
|
14 / 17 page ![]() Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. 14 xlAMP xP-c lEDS notes moisture sensitivity In testing, Cree has found XLamp Xp-C & Xp-E LEDs to have unlimited floor life in conditions ≤30 ºC/85% relative humidity (RH). Moisture testing included a 168-hour soak at 85 ºC/85% RH followed by 3 reflow cycles, with visual and electrical inspections at each stage. Cree recommends keeping XLamp LeDs in their sealed moisture-barrier packaging until immediately prior to use. Cree also recommends returning any unused LeDs to the resealable moisture-barrier bag and closing the bag immediately after use. rohs compliance The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2011/65/EC (RoHS2), as implemented January 2, 2013. RoHS Declarations for this product can be obtained from your Cree representative or from the Product ecology section of www.cree.com. reach compliance REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemical Agency (ECHA) has published notices of their intent to frequently revise the SVHC listing for the foreseeable future, please contact a Cree representative to insure you get the most up-to-date REACh Declaration. Historical REACh banned substance information (substances restricted or banned in the EU prior to 2010) is also available upon request. ul recognized component Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/UL 8750. vision advisory claim WARNING: Do not look at exposed lamp in operation. Eye injury can result. See LED Eye Safety at www.cree.com/ xlamp_app_notes/led_eye_safety. intellectual Property For remote phosphor applications, a separate license to certain Cree patents is required. |