データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCC24612-2DBVT.B データシート(PDF) 7 Page - Texas Instruments

部品番号 UCC24612-2DBVT.B
部品情報  UCC24612 High Frequency Synchronous Rectifier Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

UCC24612-2DBVT.B データシート(HTML) 7 Page - Texas Instruments

Back Button UCC24612-2DBVT.B Datasheet HTML 3Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 4Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 5Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 6Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 7Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 8Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 9Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 10Page - Texas Instruments UCC24612-2DBVT.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
UCC24612
www.ti.com
SLUSCM5A – AUGUST 2017 – REVISED FEBRUARY 2018
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
(1)
Specified by design
6.6 Timing Requirements
At VDD = 12 VDC, CVG = 0 pF, CREG = 2.2 µF, −40°C ≤ TJ = TA ≤ +125°C, all voltages are with respect to VS, and currents are
positive into and negative out of the specified terminal, unless otherwise noted. Typical values are at TJ = +25°C.
TEST CONDITIONS
MIN
NOM
MAX
UNIT
MOSFET VOLTAGE SENSING
tdVGON
Gate turn-on propagation delay
VD transitions from 4.7 V to –0.3 V
in 5 ns, UCC24612-1, TJ = 25°C,
see curve for more information
40
80
120
ns
VD transitions from 4.7 V to –0.3 V
in 5 ns, UCC24612-2, TJ = 25°C,
see curve for more information
120
170
225
tdVGOFF
Gate turn-off propagation delay
VD moves from -0.3 V to 4.7 V in 5
ns
16
35
ns
MINIMUM ON-TIME
tON(min)
Minimum SR conduction time
UCC24612 -1
245
375
475
ns
UCC24612 -2
350
540
670
ns
Adaptive MINIMUM OFF-TIME
tOFF_ABSMIN
Absolute minimum SR off-time
UCC24612-1
200
400
595
ns
UCC24612-2
160
360
545
tOFF_MAX
Maximum SR off-blanking time
2.65
3.68
4.65
µs
GATE DRIVER
tr_VG
VG rise time
10% to 90%, CVG = 6.8 nF
10
32
65
ns
tf_VG
VG fall time,
90% to 10%, CVG = 6.8 nF
5
16
35
ns
LIGHTLOAD / STANDBY
tSTBY_DET
Standby mode detection time
3
4.5
6
ms
fSLEEP
Average frequency entering
standby mode
8
12
16
kHz
fWAKE
Average frequency coming out of
standby mode
10
15
20
kHz
fSTB_HYS
Average frequency hysteresis for
standby mode
2
3
4
kHz
PROTECTION
TTSD
Thermal shut-down threshold
130(1)
165
ºC
THYS
Thermal shut-down recovery
hysteresis
15
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com