| データシートサーチシステム |
|
IS25LE01G-RILA3-TY データシート(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LE01G-RILA3-TY データシート(HTML) 8 Page - Integrated Silicon Solution, Inc |
|
8 / 186 page ![]() IS25LE01G IS25WE01G Integrated Silicon Solution, Inc.- www.issi.com 8 Rev. A6 01/14/2025 1. PIN CONFIGURATION NC NC NC SCK GND VCC NC CE# NC WP#(IO2) NC SO(IO1) SI(IO0) HOLD# or RESET# (IO3) NC NC NC NC NC NC NC NC Top View, Balls Facing Down NC A2 A3 A4 B1 B2 B3 B4 C1 C2 C3 C4 D1 D2 D3 D4 E1 E2 E3 E4 A5 B5 C5 D5 E5 (1) RESET#/NC Note: 1. The pin can be configured as Hold# (IO3) or Reset# (IO3) by setting P7 bit of the Read Register if A4 ball in BGA or Pin#3 in 16-SOIC is DNU instead of Dedicated RESET#. 24-ball LFBGA 6x8x1.40mm (5x5 ball array) (Package: I) |