| データシートサーチシステム |
|
XIO2001IPNP データシート(PDF) 132 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2001IPNP データシート(HTML) 132 Page - Texas Instruments |
|
132 / 145 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) XIO2001IPNP Active Production HTQFP (PNP) | 128 90 | TIW TRAY Yes NIPDAU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IPNP.A Active Production HTQFP (PNP) | 128 90 | TIW TRAY Yes NIPDAU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IPNPG4 Active Production HTQFP (PNP) | 128 90 | TIW TRAY Yes NIPDAU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IPNPG4.A Active Production HTQFP (PNP) | 128 90 | TIW TRAY Yes NIPDAU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IZAJ Active Production NFBGA (ZAJ) | 144 260 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IZAJ.A Active Production NFBGA (ZAJ) | 144 260 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IZWS Active Production NFBGA (ZWS) | 169 160 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IZWS.A Active Production NFBGA (ZWS) | 169 160 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IZWS.B Active Production NFBGA (ZWS) | 169 160 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IZWSR Active Production NFBGA (ZWS) | 169 1000 | LARGE T&R Yes SNAGCU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IZWSR.A Active Production NFBGA (ZWS) | 169 1000 | LARGE T&R Yes SNAGCU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001IZWSR.B Active Production NFBGA (ZWS) | 169 1000 | LARGE T&R Yes SNAGCU Level-3-260C-168 HR -40 to 85 XIO2001I XIO2001PNP Active Production HTQFP (PNP) | 128 90 | TIW TRAY Yes NIPDAU Level-3-260C-168 HR 0 to 70 XIO2001 XIO2001PNP.A Active Production HTQFP (PNP) | 128 90 | TIW TRAY Yes NIPDAU Level-3-260C-168 HR 0 to 70 XIO2001 XIO2001PNPG4 Active Production HTQFP (PNP) | 128 90 | TIW TRAY Yes NIPDAU Level-3-260C-168 HR -40 to 85 XIO2001 XIO2001PNPG4.A Active Production HTQFP (PNP) | 128 90 | TIW TRAY Yes NIPDAU Level-3-260C-168 HR -40 to 85 XIO2001 XIO2001ZAJ Active Production NFBGA (ZAJ) | 144 260 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR 0 to 70 XIO2001 XIO2001ZAJ.A Active Production NFBGA (ZAJ) | 144 260 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR 0 to 70 XIO2001 XIO2001ZWS Active Production NFBGA (ZWS) | 169 160 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR 0 to 70 XIO2001 XIO2001ZWS.A Active Production NFBGA (ZWS) | 169 160 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR 0 to 70 XIO2001 XIO2001ZWS.B Active Production NFBGA (ZWS) | 169 160 | JEDEC TRAY (5+1) Yes SNAGCU Level-3-260C-168 HR -40 to 85 XIO2001 Addendum-Page 1 |