| データシートサーチシステム |
|
XIO2001IPNP データシート(PDF) 136 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2001IPNP データシート(HTML) 136 Page - Texas Instruments |
|
136 / 145 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 25-Jul-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) XIO2001IPNP PNP HTQFP 128 90 6 X 15 150 315 135.9 7620 15.4 20.3 21 XIO2001IPNP.A PNP HTQFP 128 90 6 X 15 150 315 135.9 7620 15.4 20.3 21 XIO2001IPNPG4 PNP HTQFP 128 90 6 X 15 150 315 135.9 7620 15.4 20.3 21 XIO2001IPNPG4.A PNP HTQFP 128 90 6 X 15 150 315 135.9 7620 15.4 20.3 21 XIO2001IZAJ ZAJ NFBGA 144 260 10 x 26 150 315 135.9 7620 11.8 10 10.35 XIO2001IZAJ.A ZAJ NFBGA 144 260 10 x 26 150 315 135.9 7620 11.8 10 10.35 XIO2001IZWS ZWS NFBGA 169 160 8 x 20 150 315 135.9 7620 15.4 11.2 19.65 XIO2001IZWS.A ZWS NFBGA 169 160 8 x 20 150 315 135.9 7620 15.4 11.2 19.65 XIO2001IZWS.B ZWS NFBGA 169 160 8 x 20 150 315 135.9 7620 15.4 11.2 19.65 XIO2001PNP PNP HTQFP 128 90 6 X 15 150 315 135.9 7620 15.4 20.3 21 XIO2001PNP.A PNP HTQFP 128 90 6 X 15 150 315 135.9 7620 15.4 20.3 21 XIO2001PNPG4 PNP HTQFP 128 90 6 X 15 150 315 135.9 7620 15.4 20.3 21 XIO2001PNPG4.A PNP HTQFP 128 90 6 X 15 150 315 135.9 7620 15.4 20.3 21 XIO2001ZAJ ZAJ NFBGA 144 260 10 x 26 150 315 135.9 7620 11.8 10 10.35 XIO2001ZAJ.A ZAJ NFBGA 144 260 10 x 26 150 315 135.9 7620 11.8 10 10.35 XIO2001ZWS ZWS NFBGA 169 160 8 x 20 150 315 135.9 7620 15.4 11.2 19.65 XIO2001ZWS.A ZWS NFBGA 169 160 8 x 20 150 315 135.9 7620 15.4 11.2 19.65 Pack Materials-Page 3 |