| データシートサーチシステム |
|
MSMP4 データシート(PDF) 1 Page - HellermannTyton. |
|
|
|||||||||||||||||||||||||||||
MSMP4 データシート(HTML) 1 Page - HellermannTyton. |
|
1 / 3 page ![]() 1.7 142 Further information at www.HellermannTyton.com/fixings Cable Ties and Fixings Cable Tie Mounts Many applications require each cable run to be firmly held in place but separately from adjacent cable runs (example - control cabinets, machinery and military systems). The MP series of mounts helps to achieve this. Features and Benefits • Allow multiple cables to be run in parallel • Simple to fix with two screws • Cables are fixed by using a cable tie through any combination of the available slots Mounting Plates for Screw Fixing MSMP mounting plates, screwable. MP-Series for parallel bundling Mounting plates in application Mounting plates MP and MSMP (plan and side view) FH H TYPE Width (W) Length (L) Height (H) Hole Ø (FH) Strap Width max. (G) No. of bundles Material Colour Pack Cont. Article-No. MP2M3 12.7 76.2 3.2 3.7 5.2 2 PA66 Natural (NA) 100 pcs. 151-24219 MP3M3 12.7 108.0 3.2 3.7 5.2 3 PA66 Natural (NA) 100 pcs. 151-24319 MP4M3 12.7 139.8 3.2 3.7 5.2 4 PA66 Natural (NA) 100 pcs. 151-24419 MP5M3 12.7 171.6 3.2 3.7 5.2 5 PA66 Natural (NA) 100 pcs. 151-24519 MSMP5/10 15.8 204.5 5.3 5.1 7.6 5 PA66 Natural (NA) 100 pcs. 151-25519 MSMP6/6 15.8 244.0 5.3 3.8 7.6 6 PA66 Natural (NA) 100 pcs. 151-25619 MSMP4 15.9 167.0 5.2 5.1 8.2 4 PA66 Natural (NA) 500 pcs. 150-83499 All dimensions in mm. Subject to technical changes. Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available. Material specification please see page 24. For product specific approvals and specifications please refer to the Appendix. |
同様の部品番号 - MSMP4 |
|
同様の説明 - MSMP4 |