データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS4T48-5 データシート(PDF) 2 Page - STMicroelectronics

部品番号 GS4T48-5
部品情報  4 W DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS4T48-5 データシート(HTML) 2 Page - STMicroelectronics

  GS4T48-5 Datasheet HTML 1Page - STMicroelectronics GS4T48-5 Datasheet HTML 2Page - STMicroelectronics GS4T48-5 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
Package C. Dimensions in mm (inches)
CONNECTION DIAGRAM AND MECHANICAL DATA
SAFETY APPROVALS
The converter is agency certified to the following
safety requirements:
Agency
Requirements
File Number
UL
UL-STD-1950
E141284
CSA
CSA-STD-C22.2 No. 234
LR 99794-3
TUV
EN 60950
DIN VDE 0805
R 9172410
® UL is a registered trademark of UNDERWRITERS LABORATORIES inc.
® CSA is a registered trademark of CANADIAN STANDARDS ASSOCIATION.
® TUV is aregistered trademark of TUV Rheinland.
GS4T48-5



Html Pages

1 2 3