| データシートサーチシステム |
|
SAP5SD-A-G1-R データシート(PDF) 56 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
SAP5SD-A-G1-R データシート(HTML) 56 Page - Zentrum Mikroelektronik Dresden AG |
|
56 / 62 page ![]() SAP5S / SAP51 Universal Actuator-Sensor Interface IC Data Sheet July 17, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 56 of 62 Table 40: Write Protection of ID_Code_Extension_1 Master Call ID_Code Lock_EE_PRG Inhibit_Write_ID1 Reaction slave answer 0 Write ID1_user + ID1_manufacturer (user area address 1 and 2) yes New ID1 matches ID1_manufacturer: write ID1_user + ID1_manufacturer yes 0 1 New ID1 does not match ID1_manufacturer: No action no 0 Write ID1_user yes New ID1 matches ID1_manufacturer: Write ID1_user yes 0xA 1 1 New ID1 does not match ID1_manufacturer: No action no 0 Write ID1_user + ID1_manufacturer yes New ID1[2:0] matches ID1_manufacturer[2:0]: write ID1_user + ID1_manufacturer yes 0 1 New ID1[2:0] does not match ID1_manufacturer[2:0]: No action no 0 Write ID1_user yes New ID1[2:0] matches ID1_manufacturer[2:0]: write ID1_user yes WID1 0xA 1 1 New ID1[2:0] does not match ID1_manufacturer[2:0]: No action no 0 Return ID1_user 0 1 Return ID1_manufacturer 0 Return ID1_user 0xA 1 1 Return ID1_manufacturer 0 Return ID1_user 0 1 Return ID1_user[3], ID1_manufacturer[2:0] 0 Return ID1_user RID1 0xA 1 1 Return ID1_user[3], ID1_manufacturer[2:0] yes The slave answer to a Write_ID_Code1 request is ‘0’ in any case as specified in Table 6 |