| データシートサーチシステム |
|
SAP5SD-B-G1-R データシート(PDF) 44 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
SAP5SD-B-G1-R データシート(HTML) 44 Page - Zentrum Mikroelektronik Dresden AG |
|
44 / 62 page ![]() SAP5S / SAP51 Universal Actuator-Sensor Interface IC Data Sheet July 17, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 44 of 62 DSR DO0..DO3 tnoRESET tRESET tINIT Hi-Z PO0..PO3 Hi-Z data port output data parameter port output data External Reset The external reset is generated “edge sensitive” to the expiration of the tRESET timer. The initialization procedure is starting immediately after the event, independent of the state of DSTBn. The external reset state lasts if DSTBn still remains LOW after tRESET + tINIT. The corresponding error state display is described in chapter 4.11. Figure 10: Timing diagram external Reset via DSTBn |