| データシートサーチシステム |
|
SAP51D-B-G1-R データシート(PDF) 20 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
SAP51D-B-G1-R データシート(HTML) 20 Page - Zentrum Mikroelektronik Dresden AG |
|
20 / 62 page ![]() SAP5S / SAP51 Universal Actuator-Sensor Interface IC Data Sheet July 17, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 20 of 62 Table 6: SAP5 Master Calls and Related Slave Responses Master Request Slave Response Instruction MNE ST CB A4 A3 A2 A1 A0 I4 I3 I2 I1 I0 PB EB SB I3 I2 I1 I0 PB EB Data Exchange DEXG 0 0 A4 A3 A2 A1 A0 0 D3 ~Sel D2 D1 D0 PB 1 0 D3 D2 D1 D0 PB 1 Write Parameter WPAR 0 0 A4 A3 A2 A1 A0 1 P3 ~Sel P2 P1 P0 PB 1 0 P3 P2 P1 P0 PB 1 Address Assignment ADRA 00 0000 0 A4 A3 A2 A1 A0 PB 1 00 1 1001 Write Extented ID Code_1 WID1 01 0000 0 0 ID3 ID2 ID1 ID0 PB 1 00 0 0001 Delete Address DELA 01 A4 A3 A2 A1 A0 0 0 Sel 000 PB 1 00 0 0001 Reset Slave RES 0 1 A4A3A2 A1 A0 1 1 ~Sel 100 PB 1 00 1 1001 Read IO Configuration RDIO 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 0 0 PB 1 0 IO3 IO2 IO1 IO0 PB 1 Read ID Code RDID 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 0 1 PB 1 0 ID3 ID2 ID1 ID0 PB 1 Read ID Code_1 RID1 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 1 0 PB 1 0 ID3 ID2 ID1 ID0 PB 1 Read ID Code_2 RID2 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 1 1 PB 1 0 ID3 ID2 ID1 ID0 PB 1 Read Status RDST 0 1 A4 A3 A2 A1 A0 1 1 ~Sel 1 1 0 PB 1 0 S3 S2 S1 S0 PB 1 Broadcast (Reset) BR01 01 1111 1 10 1011 1 --- no slave response --- NOTE: In extended address mode the "Select Bit" defines whether the A-Slave or B-Slave is being addressed. Dependent on the type of master call the I3 bit carries the select bit information (Sel) or the inverted select bit information (~Sel). The extended address mode can not be activated, as long as the E²PROM flag Lock_EE_PRG is at logic LOW level. Refer to chapter 3.3 on page 25 for programming the Lock_EE_PRG flag . |