| データシートサーチシステム |
|
TL331KDBVR.B データシート(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL331KDBVR.B データシート(HTML) 26 Page - Texas Instruments |
|
26 / 27 page ![]() www.ti.com EXAMPLE STENCIL DESIGN (2.6) (1.9) 2X(0.95) 5X (1.1) 5X (0.6) (R0.05) TYP SOT-23 - 1.45 mm max height DBV0005A SMALL OUTLINE TRANSISTOR 4214839/K 08/2024 NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL SCALE:15X SYMM PKG 1 3 4 5 2 |