データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV4313IPWR データシート(PDF) 17 Page - Texas Instruments

部品番号 TLV4313IPWR
部品情報  TLVx313 Low-Power, Rail-to-Rail In/Out, 500-μV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

TLV4313IPWR データシート(HTML) 17 Page - Texas Instruments

Back Button TLV4313IPWR Datasheet HTML 13Page - Texas Instruments TLV4313IPWR Datasheet HTML 14Page - Texas Instruments TLV4313IPWR Datasheet HTML 15Page - Texas Instruments TLV4313IPWR Datasheet HTML 16Page - Texas Instruments TLV4313IPWR Datasheet HTML 17Page - Texas Instruments TLV4313IPWR Datasheet HTML 18Page - Texas Instruments TLV4313IPWR Datasheet HTML 19Page - Texas Instruments TLV4313IPWR Datasheet HTML 20Page - Texas Instruments TLV4313IPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17
TLV313, TLV2313, TLV4313
www.ti.com
SBOS753B – JUNE 2016 – REVISED FEBRUARY 2017
Product Folder Links: TLV313 TLV2313 TLV4313
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Operating Voltage
The TLV313 series is fully specified and tested from 1.8 V to 5.5 V (±0.9 V to ±2.75 V). Parameters that vary with
supply voltage are illustrated in the Typical Characteristics section.
8.3.2 Rail-to-Rail Input
The input common-mode voltage range of the TLV313 series extends 200 mV beyond the supply rails. This
performance is achieved with a complementary input stage: an N-channel input differential pair in parallel with a
P-channel differential pair, as shown in the Functional Block Diagram section. The N-channel pair is active for
input voltages close to the positive rail, typically (V+) – 1.3 V to 200 mV above the positive supply, while the P-
channel pair is on for inputs from 200 mV below the negative supply to approximately (V+) – 1.3 V. There is a
small transition region, typically (V+) – 1.4 V to (V+) – 1.2 V, in which both pairs are on. This 200-mV transition
region may vary up to 300 mV with process variation. Thus, the transition region (both stages on) may range
from (V+) – 1.7 V to (V+) – 1.5 V on the low end, up to (V+) – 1.1 V to (V+) – 0.9 V on the high end. Within this
transition region, PSRR, CMRR, offset voltage, offset drift, and THD may be degraded compared to device
operation outside this region.
8.3.3 Rail-to-Rail Output
Designed as a micro-power, low-noise operational amplifier, the TLV313 device delivers a robust output drive
capability. A class AB output stage with common-source transistors is used to achieve full rail-to-rail output swing
capability. For resistive loads up to 100 kΩ, the output swings typically to within 5 mV of either supply rail
regardless of the power-supply voltage applied. Different load conditions change the ability of the amplifier to
swing close to the rails, as shown in Figure 12.
8.3.4 Common-Mode Rejection Ratio (CMRR)
CMRR for the TLV313 device is specified in several ways so the best match for a given application may be used;
see the Electrical Characteristics. First, the CMRR of the device in the common-mode range below the transition
region [VCM < (V+) – 1.3 V] is given. This specification is the best indicator of the capability of the device when
the application requires use of one of the differential input pairs. Second, the CMRR over the entire common-
mode range is specified at (VCM = –0.2 V to 5.7 V). This last value includes the variations seen through the
transition region, as shown in Figure 4.
8.3.5 Capacitive Load and Stability
The TLV313 device is designed to be used in applications where driving a capacitive load is required. As with all
op amps, there may be specific instances where the TLV313 device may become unstable. The particular op
amp circuit configuration, layout, gain, and output loading are some of the factors to consider when establishing
whether or not an amplifier is stable in operation. An op amp in the unity-gain (+1-V/V) buffer configuration that
drives a capacitive load exhibits a greater tendency to be unstable than an amplifier operated at a higher noise
gain. The capacitive load, in conjunction with the op amp output resistance, creates a pole within the feedback
loop that degrades the phase margin. The degradation of the phase margin increases as the capacitive loading
increases. When operating in the unity-gain configuration, the TLV313 device remains stable with a pure
capacitive load up to approximately 1 nF. The equivalent series resistance (ESR) of some capacitors (CL greater
than 1 μF) is sufficient to alter the phase characteristics in the feedback loop such that the amplifier remains
stable. Increasing the amplifier closed-loop gain allows the amplifier to drive increasingly larger capacitance. This
increased capability is evident when observing the overshoot response of the amplifier at higher voltage gains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44