| データシートサーチシステム |
|
HCC40106B データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCC40106B データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 13 page ![]() LOGIC DIAGRAM STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions) Test Conditions Value V I V O |I O |V DD T Lo w* 25 °CT Hi g h * Symbol Parameter (V) (V) ( µA) (V) Min. Max. Min. Typ. Max. Min. Max. Unit I L Quiescent Current HCC Types 0/ 5 5 1 0.02 1 30 µA 0/10 10 2 0.02 2 60 0/15 15 4 0.02 4 120 0/20 20 20 0.04 20 600 HCF Types 0/ 5 5 4 0.02 4 30 0/10 10 8 0.02 8 60 0/15 15 16 0.02 16 120 VOH Output High Voltage 0/ 5 < 1 5 4.95 4.95 4.95 V 0/10 < 1 10 9.95 9.95 9.95 0/15 < 1 15 14.95 14.95 14.95 VOL Output Low Voltage 5/10 < 1 5 0.05 0.05 0.05 V 10/0 < 1 10 0.05 0.05 0.05 15/0 < 1 15 0.05 0.05 0.05 VP Positive Trigger Threshold Voltage 5 2.2 3.6 2.2 2.9 3.6 2.2 3.6 V 10 4.6 7.1 4.6 5.9 7.1 4.6 7.1 15 6.8 10.8 6.8 8.8 10.8 6.8 10.8 VN Negative Trigger Threshold Voltage 5 0.9 2.8 0.9 1.9 2.8 0.9 2.8 V 10 2.5 5.2 2.5 3.9 5.2 2.5 5.2 15 4 7.4 4 5.8 7.4 4 7.4 VH Hysteresis Voltage 5 0.3 1.6 0.3 0.9 1.6 0.3 1.6 V 10 1.2 3.4 1.2 2.3 3.4 1.2 3.4 15 1.6 5 1.6 3.5 5 1.6 *TLow=– 55 °C for HCC device : – 40°C for HCF device. *THigh= + 125 °C for HCC device : + 85°C for HCF device. HCC/HCF40106B 3/13 |