データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD3530R データシート(PDF) 11 Page - Analog Devices

部品番号 AD3530R
部品情報  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD3530R データシート(HTML) 11 Page - Analog Devices

Back Button AD3530R Datasheet HTML 7Page - Analog Devices AD3530R Datasheet HTML 8Page - Analog Devices AD3530R Datasheet HTML 9Page - Analog Devices AD3530R Datasheet HTML 10Page - Analog Devices AD3530R Datasheet HTML 11Page - Analog Devices AD3530R Datasheet HTML 12Page - Analog Devices AD3530R Datasheet HTML 13Page - Analog Devices AD3530R Datasheet HTML 14Page - Analog Devices AD3530R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Data Sheet
AD3530/AD3530R
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 11 of 49
Table 8. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Type
Description
LFCSP
WLCSP
18
A4
VOUT1
AO
Analog Output Voltage from DAC 1. The output amplifier has rail-to-rail operation.
19
A3
VOUT2
AO
Analog Output Voltage from DAC 2. The output amplifier has rail-to-rail operation.
20
A2
VOUT3
AO
Analog Output Voltage from DAC 3. The output amplifier has rail-to-rail operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49