| データシートサーチシステム |
|
SE5117BSG データシート(PDF) 2 Page - Estek Electronics Co. Ltd |
|
|
|||||||||||||||||||||||||||||
SE5117BSG データシート(HTML) 2 Page - Estek Electronics Co. Ltd |
|
2 / 6 page ![]() Absolute Maximum Rating SE5117 Parameter Symbol Value Unit Supply Input Voltage VIN -0.7 to +7 V Power Dissipation PD Internally Limited (3) -- Junction Temperature TJ 0 to +125 °C Lead Temperature (soldering, 5 sec.) TLEAD 260 °C Storage Temperature TSTG -10 to +150 °C Operating Ratings (2) Parameter Symbol Value Unit Supply Input Voltage VIN +2.5 to +6 V Junction Temperature TJ 0 to +125 °C Package Thermal Resistance θJA 135 (SOT-223) °C/W Note 1: Exceeding the absolute maximum rating may damage the device. Note 2: The device is not guaranteed to function ou tside its operating rating. Note 3: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(max) = (TJ(max) - TA)/θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. See the “Thermal Considerations”section for details. Note 4: Output voltage temperature coefficient is the worst-case voltage change divided by the total temperature range. Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range from 100µA to 1A. Changes in output voltage due to heating effects are covered by the thermal regulation specification. Note 6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential. 2 BEIJING ESTEK ELECTRONICS CO.,LTD |