データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OCP8129 データシート(PDF) 2 Page - Shanghai Orient-Chip Technology Co.,LTD.

部品番号 OCP8129
部品情報  High Current and High Efficiency Backlight WLED Controller For Medium or Large LCD Panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
ホームページ  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8129 データシート(HTML) 2 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8129 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8129 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8129 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page2 - 3
Ver 1.2 Feb .27, 2018
OCP8129
源于灿瑞 磁传天下
SOP-8L (Top View)
Figure 1, Pin Assignments of OCP8129
Pin
Name
Pin No.
I/O
Pin Function
SOP-8L
VCC
1
P
Power Supply Input
EN/PWM
2
I
Enable Pin, On/Off control for the controller and external
SYNC
3
I
Synchronization Signal Input Pin
RSET
4
I/O
Set the Operation Frequency Resistance Pin
FB
5
I/O
Set LED Current. Connect a setting resistor from this pin to GND.
The LED Current is programmed by ILED=VFB/(Setting Resistance).
FLG
6
I/O
Fault Operation Status Output (Open Drain Output). If FLG fault
function is not used, the FLG pin should be floating.
GND
7
P
Ground
GATE
8
O
External MOSFET Gate Drive
◼ Typical Application Circuit
Figure 2, Typical Application Circuit of OCP8129
◼ Pin Configuration



Html Pages

1 2 3