| データシートサーチシステム |
|
CY8C3467PVC データシート(PDF) 34 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C3467PVC データシート(HTML) 34 Page - Infineon Technologies AG |
|
34 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 33 of 139 PSoC® 5LP: CY8C58LP Family Datasheet 6.4 I/O System and Routing PSoC I/Os are extremely flexible. Every GPIO has analog and digital I/O capability. All I/Os have a large number of drive modes, which are set at POR. PSoC also provides up to four individual I/O voltage domains through the VDDIO pins. There are two types of I/O pins on every device; those with USB provide a third type. Both general purpose I/O (GPIO) and special I/O (SIO) provide similar digital functionality. The primary differences are their analog capability and drive strength. Devices that include USB also provide two USBIO pins that support specific USB functionality as well as limited GPIO capability. All I/O pins are available for use as digital inputs and outputs for both the CPU and digital peripherals. In addition, all I/O pins can generate an interrupt. The flexible and advanced capabilities of the PSoC I/O, combined with any signal to any pin routability, greatly simplify circuit design and board layout. All GPIO pins can be used for analog input, CapSense[9], and LCD segment drive, while SIO pins are used for voltages in excess of VDDA and for programmable output voltages. Features supported by both GPIO and SIO: User programmable port reset state Separate I/O supplies and voltages for up to four groups of I/O Digital peripherals use DSI to connect the pins Input or output or both for CPU and DMA Eight drive modes Every pin can be an interrupt source configured as rising edge, falling edge or both edges. If required, level sensitive interrupts are supported through the DSI Dedicated port interrupt vector for each port Slew rate controlled digital output drive mode Access port control and configuration registers on either port basis or pin basis Separate port read (PS) and write (DR) data registers to avoid read modify write errors Special functionality on a pin by pin basis Additional features only provided on the GPIO pins: LCD segment drive on LCD equipped devices CapSense[9] Analog input and output capability Continuous 100 µA clamp current capability Standard drive strength down to 1.71 V Additional features only provided on SIO pins: Higher drive strength than GPIO Hot swap capability (5 V tolerance at any operating VDD) Programmable and regulated high input and output drive levels down to 1.2 V No analog input, CapSense, or LCD capability Over voltage tolerance up to 5.5 V SIO can act as a general purpose analog comparator USBIO features: Full speed USB 2.0 compliant I/O Highest drive strength for general purpose use Input, output, or both for CPU and DMA Input, output, or both for digital peripherals Digital output (CMOS) drive mode Each pin can be an interrupt source configured as rising edge, falling edge, or both edges Note 9. GPIOs with opamp outputs are not recommended for use with CapSense. |