| データシートサーチシステム |
|
CY8C3468PVC データシート(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C3468PVC データシート(HTML) 8 Page - Infineon Technologies AG |
|
8 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 7 of 139 PSoC® 5LP: CY8C58LP Family Datasheet Figure 2-3. 68-pin QFN Part Pinout [3] (TRACEDATA[2], GPIO) P2[6] (TRACEDATA[3], GPIO) P2[7] (I2C0: SCL, SIO) P12[4] (I2C0: SDA, SIO) P12[5] VSSB IND VBOOST VBAT VSSD XRES (TMS, SWDIO, GPIO) P1[0] (TCK, SWDCK, GPIO) P1[1] (Configurable XRES, GPIO) P1[2] (TDO, SWV, GPIO) P1[3] (TDI, GPIO) P1[4] (NTRST, GPIO) P1[5] VDDIO1 P0[3] (GPIO, OPAMP0-, EXTREF0) P0[2] (GPIO, OPAMP0+, SAR1 EXTREF) P0[1] (GPIO, OPAMP0OUT) P0[0] (GPIO, OPAMP2OUT) P12[3] (SIO) P12[2] (SIO) VSSD VDDA VSSA VCCA P15[3] (GPIO, KHZ XTAL: XI) P15[2] (GPIO, KHZ XTAL: XO) P12[1] (SIO, I2C1: SDA) P12[0] (SIO, 12C1: SCL) P3[7] (GPIO, OPAMP3OUT) P3[6] (GPIO, OPAMP1OUT) VDDIO3 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 10 11 12 13 14 15 16 17 1 2 3 4 5 6 7 8 9 QFN (TOP VIEW) Lines show VDDIO to I/O supply association Notes 3. The center pad on the QFN package should be connected to digital ground (VSSD) for best mechanical, thermal, and electrical performance. If not connected to ground, it should be electrically floated and not connected to any other signal. For more information, see AN72845, Design Guidelines for QFN Devices. 4. Pins are Do Not Use (DNU) on devices without USB. The pin must be left floating. |