| データシートサーチシステム |
|
RD35T-R33K-H データシート(PDF) 8 Page - ABCO ELECTRONICS CO.LTD |
|
|
|||||||||||||||||||||||||||||
RD35T-R33K-H データシート(HTML) 8 Page - ABCO ELECTRONICS CO.LTD |
|
8 / 8 page ![]() 64 Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use. ● DC Bias Characteristics (Measured by HP4284A + HP42841A) ● Temperature Characteristics(Measured by HP4284A + HP42841A) ● Q-Characteristics(Measured by HP 4285A + HP 42851A) RD35/RD35H RD40 RD45 820 µH 8200 µH 2200 µH 220 µH 22 µH 2.2 µH 1000 100 10 10 100 0.1 1000 10000 Frequency[MHz] 1000 100 10 100 0.1 1000 10000 Frequency[MHz] 1000 100 10 100 0.1 1000 10000 Frequency[MHz] 100 µH 1000 µH 10 µH 1.0 µH 10000 100 10 1 1000 0.1 100 10 1 0.1 1000 RD35/RD35H RD40 RD45 DC Bias[mA] 10000 100 10 1 1000 0.1 100 10 1 0.1 1000 DC Bias[mA] 100000 1000 100 10000 10 100 10 1 0.1 1000 DC Bias[mA] 1000 µH 100 µH 10 µH 1.0 µH 2200 µH 220 µH 22 µH 2.2 µH 8200 µH 820 µH RD35/RD35H RD40 RD45 100 µH 10 µH 5 4 3 2 1 0 -1 -2 -3 -4 -5 -40 -20 0 20 40 60 80 100 120 Temperature[ ûC] 820 µH 8200 µH 2200 µH 220 µH 22 µH 2.2 µH 5 4 3 2 1 0 -1 -2 -3 -4 -5 -40 -20 0 20 40 60 80 100 120 Temperature[ ûC] 5 4 3 2 1 0 -1 -2 -3 -4 -5 -40 -20 0 20 40 60 80 100 120 Temperature[ ûC] ELECTRICAL CHARACTERISTICS |