| データシートサーチシステム |
|
BAT30F4 データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAT30F4 データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 11 page ![]() Figure 7. Footprint in mm (inches) 0.243 (0.0096) 0.170 (0.0067) 0.300 (0.0118) 0.243 (0.0096) 0.656 (0.0258) Figure 8. Marking Pin1 Pin2 Note: The marking codes can be rotated by 90° or 180° to differentiate assembly location. In no case should this product marking be used to orient the component for its placement on a PCB. Only pin 1 mark is to be used for this purpose. Figure 9. Tape and reel specification Bar indicates Pin1 User direction of unreeling All dimensions in mm 4.0 ± 0.1 2.0 ± 0.05 2.0 ± 0.05 Ø 1.5 ± 0.1 0.36 ± 0.03 0.38 ± 0.03 0.22 4 4 4 4 4 4 4 BAT30F4 0201 package information DS10126 - Rev 8 page 6/11 |