データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP5310 データシート(PDF) 39 Page - Injoinic Technology Co.,Ltd.

部品番号 IP5310
部品情報  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INJOINIC [Injoinic Technology Co.,Ltd.]
ホームページ  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 データシート(HTML) 39 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 33Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 37Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 38Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 39Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 40Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 41Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
IP5389
V1.23
www.injoinic.com
39 / 41
Copyright © 2023, Injoinic Corp.
15.2
Example of Pad Design
7.0
8.4
7.0
8.4
0.7
R0.1
R0.1
0.1
0.2
0.4
0.4
1.35
Ø0.2
1.45
0.2
1.45
6.2
Figure 17
Example of pad design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41