データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54 データシート(PDF) 13 Page - STMicroelectronics

部品番号 BAT54
部品情報  Small signal Schottky diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54 データシート(HTML) 13 Page - STMicroelectronics

Back Button BAT54_V01 Datasheet HTML 7Page - STMicroelectronics BAT54_V01 Datasheet HTML 8Page - STMicroelectronics BAT54_V01 Datasheet HTML 9Page - STMicroelectronics BAT54_V01 Datasheet HTML 10Page - STMicroelectronics BAT54_V01 Datasheet HTML 11Page - STMicroelectronics BAT54_V01 Datasheet HTML 12Page - STMicroelectronics BAT54_V01 Datasheet HTML 13Page - STMicroelectronics BAT54_V01 Datasheet HTML 14Page - STMicroelectronics BAT54_V01 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID5505 Rev 12
13/15
BAT54
Ordering information
15
3
Ordering information
Figure 21. Ordering information scheme
Table 11. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
BAT54FILM
D86
SOT-23 Single
10 mg
3000
Tape and reel
BAT54SFILM
D88
SOT-23 Serial
10 mg
3000
Tape and reel
BAT54CFILM
D87
SOT-23
Common cathode
10 mg
3000
Tape and reel
BAT54AFILM
D84
SOT-23
Common anode
10 mg
3000
Tape and reel
BAT54WFILM
D73
SOT-323 Single
6 mg
3000
Tape and reel
BAT54SWFILM
D78
SOT-323 Serial
6 mg
3000
Tape and reel
BAT54CWFILM
D77
SOT-323
Common cathode
6 mg
3000
Tape and reel
BAT54AWFILM
D74
SOT-323
Common anode
6 mg
3000
Tape and reel
BAT54JFILM
86
SOD-323
5 mg
3000
Tape and reel
BAT54JFILM-HQ
86
SOD-323
5 mg
10000
Tape and reel
BAT54KFILM
86
SOD-523
1.4 mg
3000
Tape and reel
BAT54ZFILM
D72
SOD-123
10 mg
3000
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15