データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IP5330 データシート(PDF) 4 Page - Injoinic Technology Co.,Ltd.

部品番号 IP5330
部品情報  A Power Bank SOC With Integrated Buck-Boost Driver Supporting Bi-directional Fast Charging Protocol Such As SCP, VOOC, PD3.0, Supporting 2~5 Series Batteries and Supporting Maximum Power 100W
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INJOINIC [Injoinic Technology Co.,Ltd.]
ホームページ  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5330 データシート(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP5330 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5330 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
IP5389
V1.23
www.injoinic.com
4 / 41
Copyright © 2023, Injoinic Corp.
4 Revision record
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Updated from Revision V1.2 (Augest 2022) to Revision V1.21
Page
●
Updated the format of the datasheet...............................................................................................................
Updated from Revision V1.21 (November 2022) to Revision V1.22
Page
●
Updated the description of six battery applications.........................................................................................1
Updated from Revision V1.22 (March 2023) to Revision V1.23
Page
●
Updated the Standby current at the battery terminal ....................................................................................17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41