データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54FILM データシート(PDF) 7 Page - STMicroelectronics

部品番号 BAT54FILM
部品情報  Small signal Schottky diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54FILM データシート(HTML) 7 Page - STMicroelectronics

Back Button BAT54FILM Datasheet HTML 3Page - STMicroelectronics BAT54FILM Datasheet HTML 4Page - STMicroelectronics BAT54FILM Datasheet HTML 5Page - STMicroelectronics BAT54FILM Datasheet HTML 6Page - STMicroelectronics BAT54FILM Datasheet HTML 7Page - STMicroelectronics BAT54FILM Datasheet HTML 8Page - STMicroelectronics BAT54FILM Datasheet HTML 9Page - STMicroelectronics BAT54FILM Datasheet HTML 10Page - STMicroelectronics BAT54FILM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID5505 Rev 12
7/15
BAT54
Package information
15
Figure 13. SOD323 dimension definitions
Figure 14. SOD323 footprint dimensions in mm (inches)
Table 7. SOD323 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.17
0.046
A1
0
0.1
0
0.004
b
0.25
0.44
0.01
0.017
c
0.1
0.25
0.004
0.01
D
1.52
1.8
0.06
0.071
E
1.11
1.45
0.044
0.057
H
2.3
2.7
0.09
0.106
L
0.1
0.46
0.004
0.02
Q1
0.1
0.41
0.004
0.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15