データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AHT10 データシート(PDF) 11 Page - ASAIR All Rights Reserved.

部品番号 AHT10
部品情報  AHT10 Technical Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ASAIR [ASAIR All Rights Reserved.]
ホームページ  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT10 データシート(HTML) 11 Page - ASAIR All Rights Reserved.

Back Button AHT10 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 13Page - ASAIR All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
S 1 0 0 0 0 0 0 0
1 0 1 1 1 0 1 0
P
I2C address +write
Soft Reset
Figure 17 soft reset – the gray part consists of AHT10 control.。
6 Signal conversion
6.1 Relative humidity conversion
Relative humidity RH Can be based on SDA
Output relative humidity signal S RH Calculated
by the following formula (the result is %RH
indicates).
6.2 Temperature conversion
Temperature T Can output the signal by the
temperature S T Substitute into the formula below
to calculate (Results are expressed in temperature
°C ):
7 Environmental stability
If the sensor is used in equipment or
machinery, make sure that the sensor used
for the measurement and the sensor used for
the reference perceive the same conditions of
temperature and humidity. If the sensor is
placed in the equipment, the reaction time
will be extended, so it is necessary to ensure
sufficient measurement time in the
programming. The AHT10 sensor is tested
according to the AOSONG temperature
sensor. The performance of the sensor under
other test conditions is not guaranteed and
cannot be used as part of the sensor's
performance. In particular, no commitment is
made to the specific circumstances requested
by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13