| データシートサーチシステム |
|
KPTC0F8 データシート(PDF) 8 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
KPTC0F8 データシート(HTML) 8 Page - ITT Industries |
|
8 / 21 page ![]() KPTC Subject to changes Contact Arrangements Contact Contact Service Insulator position number arrangement rating W X Y Z Contact size AWG 55 22-55 1 30 142 226 314 20 31 24A31 q 1 90 225 - - 16 61 24-61 q 1 90 180 270 324 20 q Please consult factory Drawings not to scale Face view of pin insert shown (socket view is homologous) Shell size Contact Contact Insulator position/Degree of rotation number arrangement V W X Y Z 8 2 8-2 - 58 122 - - 3 8-3 - 60 210 - - 3 8-3A - 60 - - - 3 8-33 - 90 - - - 4 8-4 - 45 - - - 10 6 10-6 - 90 - - - 12 3 12-3 - - 180 - 10 12-10 - 60 155 270 295 14 5 14-22 - - - - - 5 14-5 - 40 92 184 273 12 14-12 - 43 90 - - 15 14-15 - 17 110 155 234 19 14-19 - 30 165 315 . 16 8 16-8 - 54 152 180 331 23 16-23 - 158 270 - - 26 16-26 - 60 . 275 338 18 11 18-11 - 62 119 241 340 32 18-32 - 85 138 222 265 20 16 20-16 - 238 318 333 347 24 20-24 - 70 145 215 290 39 20-39 - 63 114 252 333 41 20-41 - 45 126 225 - 22 21 22-21 - 16 135 175 349 36 22-36 - 72 144 216 288 41 22-41 - 39 135 264 - 55 22-55 - 30 142 226 314 24 31 24A31 - 90 225 - - 61 24-61 - 90 180 270 324 Contact Arrangements Insulator positions The drawing indicates alternate insert positions. The six positions N, V, W, X, Y and Z differ in the degree of rotation for various connector sizes and contact arrangements. For each degree of rotation, and for the list of contact arrangements and the alternate insert positions, please refer to the opposite table. Face view of pin insert |