データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCF4030B データシート(PDF) 7 Page - STMicroelectronics

部品番号 HCF4030B
部品情報  QUAD EXCLUSIVE-OR GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4030B データシート(HTML) 7 Page - STMicroelectronics

Back Button HCF4030B Datasheet HTML 3Page - STMicroelectronics HCF4030B Datasheet HTML 4Page - STMicroelectronics HCF4030B Datasheet HTML 5Page - STMicroelectronics HCF4030B Datasheet HTML 6Page - STMicroelectronics HCF4030B Datasheet HTML 7Page - STMicroelectronics HCF4030B Datasheet HTML 8Page - STMicroelectronics HCF4030B Datasheet HTML 9Page - STMicroelectronics HCF4030B Datasheet HTML 10Page - STMicroelectronics HCF4030B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
The two’s complement adder-substractor can add or substract any two of the numbers in table 1. For exam-
ple :
Table 1 : Two’s Complement Numbers and Their Equivalent Decimal Values.
a) 2
SIGN
+ =
BIT
–5 X
0
0
000
01
0
2 +
Y
1
1
111
01
1
–5 +
CI
0
S 0 1
1
111
10
1 = –3
CO
TEST CIRCUITS
Quiescent Device Current.
Input Voltage.
Input Leakage Current.
SIGN
b) –2
BIT
– = X
1
111
11
1
0 –2 +
–5 Y
1
111
10
1
1 –5
Y
0
000
01
0
0
+
CL
1
S 1 0
000
00
1
1
= 3
CO
X8
X7
X6
X5
X4
X3
X2
X1
X8
X7
X6
X5
X4
X3
X2
X1
0
0
0
0
0
000=
0
111111
11=
-1
0
0
0
0
0
001=
1
111111
10=
-2
0
0
0
0
0
010=
2
111111
01=
-3
0
0
0
0
0
011=
3
111111
00=
-4
111110
11=
-5
0
1
1
1
1
110=
126
100000
01=
-127
0
1
1
1
1
111=
127
100000
00=
-128
HCC/HCF4030B
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12