| データシートサーチシステム |
|
M24128-B2MB6 データシート(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24128-B2MB6 データシート(HTML) 7 Page - STMicroelectronics |
|
7 / 39 page ![]() M24128, M24C64, M24C32 Description 7/39 Figure 2. DIP, SO, TSSOP and UFDFPN connections 1. See Package mechanical data section for package dimensions, and how to identify pin-1. Figure 3. M24128 WLCSP connections (top view, marking side, with balls on the underside) Table 2. Signal names Signal name Function Direction E0, E1, E2 Chip Enable Input SDA Serial Data I/O SCL Serial Clock Input WC Write Control Input VCC Supply voltage VSS Ground SDA VSS SCL WC E1 E0 VCC E2 AI01845e M24128 M24C64 M24C32 1 2 3 4 8 7 6 5 VCC E1 E0 WC E2 SDA SCL VSS ai14799 |