データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32H533CEU6TR データシート(PDF) 91 Page - STMicroelectronics

部品番号 STM32H533CEU6TR
部品情報  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEU6TR データシート(HTML) 91 Page - STMicroelectronics

Back Button STM32H533CEU6TR Datasheet HTML 87Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 88Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 89Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 90Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 91Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 92Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 93Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 94Page - STMicroelectronics STM32H533CEU6TR Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 231 page
background image
PC0
-
FMC_A25
OCTOSPI1_IO7
-
-
-
-
EVENTOUT
PC1
-
-
OCTOSPI1_IO4
-
-
-
-
EVENTOUT
PC2
-
OCTOSPI1_IO2
-
-
-
-
-
EVENTOUT
PC3
-
OCTOSPI1_IO0
-
-
-
-
-
EVENTOUT
PC4
-
-
-
-
-
-
-
EVENTOUT
PC5
-
-
OCTOSPI1_DQS
-
-
-
-
EVENTOUT
PC6
SDMMC1_D0
DIR
FMC_NWAIT
I3C2_SCL
OCTOSPI1_IO5
SDMMC1_D6
DCMI_D0/PSSI_D0
-
EVENTOUT
PC7
SDMMC1_D1
23DIR
FMC_NE1
I3C2_SDA
OCTOSPI1_IO6
SDMMC1_D7
DCMI_D1/PSSI_D1
-
EVENTOUT
PC8
UART5_RTS
FMC_NE2/FMC_NCE
FMC_INT
FMC_ALE
SDMMC1_D0
DCMI_D2/PSSI_D2
-
EVENTOUT
PC9
UART5_CTS
OCTOSPI1_IO0
-
FMC_CLE
SDMMC1_D1
DCMI_D3/PSSI_D3
-
EVENTOUT
PC10
UART4_TX
OCTOSPI1_IO1
-
-
SDMMC1_D2
DCMI_D8/PSSI_D8
-
EVENTOUT
PC11
UART4_RX
OCTOSPI1_NCS
-
-
SDMMC1_D3
DCMI_D4/PSSI_D4
-
EVENTOUT
PC12
UART5_TX
-
-
-
SDMMC1_CK
DCMI_D9/PSSI_D9
-
EVENTOUT
PC13
-
-
-
-
-
-
-
EVENTOUT
PC14
-
-
-
-
-
-
-
EVENTOUT
PC15
-
-
-
-
-
-
-
EVENTOUT
Table 16. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/S
DMMC1/UA
RT4/5
FDCAN1/2/FMC[NAND16)/
FMC[NORmux)/FMC[NOR_RAM)/
I2C3/I3C2/OCTOSPI
CRS/FMC[NAND1
6)/I3C2/OCTOSPI/
SDMMC1/USB_
FMC[NAND16)/
OCTOSPI/SDM
MC1/USB_PD
FMC[NAND16)/FMC
[NORmux)/FMC[NO
R_RAM)/SDMMC1
DCMI/FMC[NAND16
)/FMC[NORmux)/FM
C[NOR_RAM)
TIM2/UART
5/USART6
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More