| データシートサーチシステム |
|
NRF51822-CEAC-R7 データシート(PDF) 22 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF51822-CEAC-R7 データシート(HTML) 22 Page - Nordic Semiconductor |
|
22 / 130 page ![]() Page 22 nRF51822 Product Specification v3.3 3.2.1 Code organization Table 4 Code organization 3.2.2 RAM organization RAM is divided into blocks for separate power management which is controlled by the POWER System Block. Each block is divided into two 4 kByte RAM sections with separate RAM AHB slaves. Please see the nRF51 Series Reference Manual for more information. Table 5 RAM organization How to organize the use of the RAM For the best performance we recommend the following use of the RAM AHB slaves (Note that the Crypto consists of CCM, ECB, and AAR modules): • If the Radio and Crypto buffers together are larger in size than one RAM section, the buffers should be separated so the memory used by the Radio is in one RAM section while the memory used by the Crypto is in another RAM section. • The sections used by CODE should not be combined with sections used by the Radio, Crypto, or SPI. • The Stack and Heap should be placed at the top section and should not be combined with sections used by the Radio, Crypto, or SPI. Chip variant Code size Page size No of pages nRF51822-QFAA nRF51822-CEAA nRF51822-CTAA 256 kB 1024 byte 256 nRF51822-QFAB nRF51822-CDAB 128 kB 1024 byte 128 nRF51822-QFAC nRF51822-CFAC nRF51822-CTAC 256 kB 1024 byte 256 Chip variant RAM size Block Size nRF51822-QFAA nRF51822-CEAA nRF51822-CTAA 16 kB Block0 Block1 8 kB 8 kB nRF51822-QFAB nRF51822-CDAB 16 kB Block0 Block1 8 kB 8 kB nRF51822-QFAC nRF51822-CFAC nRF51822-CTAC 32 kB Block0 Block1 Block2 Block3 8 kB 8 kB 8 kB 8 kB |