データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCF4512 データシート(PDF) 3 Page - STMicroelectronics

部品番号 HCF4512
部品情報  8-CHANNEL DATA SELECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4512 データシート(HTML) 3 Page - STMicroelectronics

  HCF4512 Datasheet HTML 1Page - STMicroelectronics HCF4512 Datasheet HTML 2Page - STMicroelectronics HCF4512 Datasheet HTML 3Page - STMicroelectronics HCF4512 Datasheet HTML 4Page - STMicroelectronics HCF4512 Datasheet HTML 5Page - STMicroelectronics HCF4512 Datasheet HTML 6Page - STMicroelectronics HCF4512 Datasheet HTML 7Page - STMicroelectronics HCF4512 Datasheet HTML 8Page - STMicroelectronics HCF4512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TRUTH TABLE
Sel. Cont.
AB
C
I nh.
3-State Di sabl e
Sel. Output
000
0
0
D0
100
0
0
D1
010
0
0
D2
110
0
0
D3
001
0
0
D4
101
0
0
D5
011
0
0
D6
111
0
0
D7
XX
X
1
0
0
X
X
X
X
1
High Z
1 = High Level
0 = Low Level
X = Don’t Care
LOGIC DIAGRAMS
HCC/HCF4512B
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12