データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QDM データシート(PDF) 2 Page - AUER Signal GmbH

部品番号 QDM
部品情報  LED steady/flashing beacon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AUERSIGNAL [AUER Signal GmbH]
ホームページ  https://www.auersignal.com/
Logo AUERSIGNAL - AUER Signal GmbH

QDM データシート(HTML) 2 Page - AUER Signal GmbH

  QDM Datasheet HTML 1Page - AUER Signal GmbH QDM Datasheet HTML 2Page - AUER Signal GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
139
QDM
SteaDy/fl aS h i n g b eaco n S
Q-Series
Lens colour
Nominal voltage
Voltage range (V)
Nominal current (A)
Order number
orange
24-48 V AC/DC
18-53 V AC
18-60 V DC
0,500
874 261 408
110-240 V AC
90-265
0,100
874 261 413
red
24-48 V AC/DC
18-53 V AC
18-60 V DC
0,500
874 262 408
110-240 V AC
90-265
0,100
874 262 413
clear
24-48 V AC/DC
18-53 V AC
18-60 V DC
0,500
874 264 408
110-240 V AC
90-265
0,100
874 264 413
blue
24-48 V AC/DC
18-53 V AC
18-60 V DC
0,500
874 265 408
110-240 V AC
90-265
0,100
874 265 413
green
24-48 V AC/DC
18-53 V AC
18-60 V DC
0,500
874 266 408
110-240 V AC
90-265
0,100
874 266 413
yellow
24-48 V AC/DC
18-53 V AC
18-60 V DC
0,500
874 267 408
110-240 V AC
90-265
0,100
874 267 413
orDe r Data
AMK
AB2
AG2
AKV
Type
Type of accessory
Weight
Order number
AMK
Mounting set for combining several pieces of signalling equipment of the same size
10 g
874 010 900
AB2
Mounting set for metal bracket for mounting in any direction (e.g. on mounting platforms)
874 032 900
AG2
Flat seal for correct IP66 installation on smooth surfaces
874 022 900
AKV
Cable gland M20x1,5
698 800 026
acceSSorieS
Steady &
flashing



Html Pages

1 2