データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCF4051 データシート(PDF) 13 Page - STMicroelectronics

部品番号 HCF4051
部品情報  ANALOG MULTIPLEXERS-DEMULTIPLEXERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4051 データシート(HTML) 13 Page - STMicroelectronics

Back Button HCF4051 Datasheet HTML 9Page - STMicroelectronics HCF4051 Datasheet HTML 10Page - STMicroelectronics HCF4051 Datasheet HTML 11Page - STMicroelectronics HCF4051 Datasheet HTML 12Page - STMicroelectronics HCF4051 Datasheet HTML 13Page - STMicroelectronics HCF4051 Datasheet HTML 14Page - STMicroelectronics HCF4051 Datasheet HTML 15Page - STMicroelectronics HCF4051 Datasheet HTML 16Page - STMicroelectronics HCF4051 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Plastic DIP16 (0.25) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
P001C
HCC/HCF4051B/52B/53B
13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17