データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC34RF72 データシート(PDF) 32 Page - Texas Instruments

部品番号 ADC34RF72
部品情報  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 データシート(HTML) 32 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 28Page - Texas Instruments ADC34RF72 Datasheet HTML 29Page - Texas Instruments ADC34RF72 Datasheet HTML 30Page - Texas Instruments ADC34RF72 Datasheet HTML 31Page - Texas Instruments ADC34RF72 Datasheet HTML 32Page - Texas Instruments ADC34RF72 Datasheet HTML 33Page - Texas Instruments ADC34RF72 Datasheet HTML 34Page - Texas Instruments ADC34RF72 Datasheet HTML 35Page - Texas Instruments ADC34RF72 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
7.3.5.4 DSP Output Mux
There are several different multiplexers available at the output of the DSP prior to the DDCs.
DSP
OUT
MUX0
DSP
OUT
MUX1
dsp_out_src_sel[1]
dsp_out_src_sel[0]
dsp_in[1:0]
fdf_out[1:0]
eq_out[1:0]
dsp_in[3:2]
fdf_out[3:2]
eq_out[3:2]
dsp_out[3:2]
dsp_out[1:0]
dsp_out[3:0]
Figure 7-20. DSP Output Mux
The following parameters can be programmed:
Table 7-11. Input Selection to the DDC Programming (x = 0 or 1)
System Parameter
Name
Size
Default
Access
Description
DSP_OUT_SRC_SEL{x}
2
0
R/W
Select the output data source for DSP_OUT_MUX{x} from the DSP blocks.
0: dsp_in[2x+1,2x] as output of DSP_OUT_MUX{x}.
1: fdf_out[2x+1,2x] as output of DSP_OUT_MUX{x}.
2: eq_out[2x+1,2x] as output of DSP_OUT_MUX{x}.
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74