| データシートサーチシステム |
|
TDA2SA データシート(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA2SA データシート(HTML) 3 Page - Texas Instruments |
|
3 / 427 page ![]() High-Speed Interconnect Program/Data Storage Connectivity Display Subsystem System (2x Arm Cortex–A15) IVA HD 1080p Video Coprocessor DSP (2x C66x Coprocessors) PCIe SS x2 GMAC AVB Up to 2.5MB RAM w/ ECC (NAND/NOR/ Async) (SGX544 3D) 4x EVE Analytic Processors (Dual Cortex–M4) GPMC / ELM 256KB ROM OCMC TDA2x Superset GPU MPU IPU 1 Serial Interfaces I2C x5 UART x10 McSPI x4 DCAN x2 Spinlock Mailbox x13 GPIO x8 Timers x16 WDT QSPI LCD1 Overlay 1x GFX Pipeline 3x Video Pipelines HDMI 1.4a EMIF x2 2x 32b DDR2/3 w/ ECC (A) EDMA DMM McASP x8 Vision AccelerationPac JTAG PLLs OSC VPE 2x MMU VIP1 VIP2 VIP3 BB2D (GC320 2D) RTC SS PWM SS x3 SDMA MMC / SD x4 SATA 1x USB 3.0 Dual-Role FS/HS/SS w/ PHYs 3x USB 2.0 Dual-Role FS/HS 2x w/ ULPI 1x w/ PHY intro-001 LCD2 LCD3 (Dual Cortex–M4) IPU 2 3 TDA2SX, TDA2SG, TDA2SA TDA2HG, TDA2HV, TDA2HF, TDA2LF www.ti.com SPRS951F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF Device Overview Copyright © 2015–2019, Texas Instruments Incorporated 1.4 Functional Block Diagram Figure 1-1 is functional block diagram of the superset. Figure 1-1. TDA2x Block Diagram (1) ECC is only available on EMIF1. |