| データシートサーチシステム |
|
CS-B2-02-R-02 データシート(PDF) 5 Page - Datalogic S.p.A. |
|
|
|||||||||||||||||||||||||||||
CS-B2-02-R-02 データシート(HTML) 5 Page - Datalogic S.p.A. |
|
5 / 8 page ![]() CLEAR DETECTION HOUSING LIGHT EMISSION CONNECTION OUTPUT MODEL ORDER NO. METAL Stainless Steel (INOX AISI346L) LASER M8 connector PNP S8-MH-5-M53-PP 950801450 LED S8-MR-5-M53-PP 950801600 PLASTIC ABS LASER S8-PH-5-M53-PP 950801380 LED S8-PR-5-M53-PP 950801590 RETROREFLECTIVE FOR TRASPARENT HOUSING LIGHT EMISSION CONNECTION OUTPUT MODEL ORDER NO. METAL Stainless Steel (INOX AISI346L) LED M8 connector NPN S8-MR-5-T50-NH 950801330 PNP S8-MR-5-T50-PH 950801320 M8 connector with auto- adjustment function NPN S8-MR-5-T53-NN 950801310 PNP S8-MR-5-T53-PP 950801300 PLASTIC ABS pig-tail NPN S8-PR-3-T51-NN 950801130 PNP S8-PR-3-T51-PP 950801120 M8 connector NPN S8-PR-5-T51-NN 950801050 PNP S8-PR-5-T51-PP 950801040 M8 connector with auto- adjustment function NPN S8-PR-5-T53-NN 950801290 PNP S8-PR-5-T53-PP 950801280 MODEL SELECTION AND ORDER INFORMATION POLARIZED RETROREFLECTIVE HOUSING LIGHT EMISSION CONNECTION OUTPUT MODEL ORDER NO. METAL Stainless Steel (INOX AISI346L) LASER M8 connector NPN S8-MH-5-B51-NN 950801490 PNP S8-MH-5-B51-PP 950801480 LED NPN S8-MR-5-B01-NN 950801420 PNP S8-MR-5-B01-PP 950801410 PLASTIC ABS LASER pig-tail NPN S8-PH-3-B51-NN 950801090 PNP S8-PH-3-B51-PP 950801080 M8 connector NPN S8-PH-5-B51-NN 950801010 PNP S8-PH-5-B51-PP 950801000 LED pig-tail NPN S8-PR-3-B01-NN 950801190 PNP S8-PR-3-B01-PP 950801180 M8 connector NPN S8-PR-5-B01-NN 950801170 PNP S8-PR-5-B01-PP 950801160 BACKGROUND SUPPRESSION HOUSING LIGHT EMISSION CONNECTION OUTPUT MODEL ORDER NO. METAL Stainless Steel (INOX AISI346L) LASER M8 connector NPN S8-MH-5-M01-NN 950801470 PNP S8-MH-5-M01-PP 950801460 LED NPN S8-MR-5-M01-NN 950801400 PNP S8-MR-5-M01-PP 950801390 PLASTIC ABS LASER pig-tail NPN S8-PH-3-M01-NN 950801110 PNP S8-PH-3-M01-PP 950801100 M8 connector NPN S8-PH-5-M01-NN 950801030 PNP S8-PH-5-M01-PP 950801020 LED pig-tail NPN S8-PR-3-M01-NN 950801230 PNP S8-PR-3-M01-PP 950801220 M8 connector NPN S8-PR-5-M01-NN 950801210 PNP S8-PR-5-M01-PP 950801200 www.datalogic.com Compact Sensors - S8 |