| データシートサーチシステム |
|
HCF4521 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4521 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 12 page ![]() BLOCK DIAGRAM ABSOLUTE MAXIMUM RATING Symbol Parameter Val ue Unit VDD * Supply Voltage -0.5 to +18 V Vi Input Voltage -0.5 to VDD +0.5 V II DC Input Current (any one input) ± 10 mA Ptot Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package Temperature Range 200 100 mW mW Top Operating Temperature -40 to +85 oC Tstg Storage Temperature -65 to +150 oC Stresses above those listedunder ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation ofthe device atthese or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratingconditions for external periods may affect device reliability. * Allvoltage values are referred to VSS pin voltage. RECOMMENDED OPERATING CONDITIONS Symbol Parameter Val ue Unit VDD Supply Voltage 3 to 15 V VI Input Voltage 0 to VDD V Top Operating Temperature -40 to +85 oC HCF4521 2/12 |