| データシートサーチシステム |
|
303 データシート(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
303 データシート(HTML) 2 Page - 3M Electronics |
|
2 / 4 page ![]() 3M™ Low Profile Header .100” × .100” Straight and Right Angle, Four-Wall 303 Series 3 Electronic Solutions Division Interconnect Solutions www.3Mconnectors.com 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 TS-0818-C Sheet 2 of 3 Ordering Information 303XX - 6002HB (RIAE1andC1apply) HB - Gold Flash A ± .02 .27 [ 6.86 ] .365 ±.010 [9.3] .16 [4.1] Position 1 Orientation Triangle A A B .100 Ref [2.54] .33 [ 8.4 ] .100 Ref [2.54] .256 ± .008 [6.50] Position 1 .015 [ 0.38 ] .108 [ 2.74 ] .015 [ 0.38 ] .250 [6.35] Min Side Stackable Distance .400 [10.16] Min End Stackable Distance ø.040 ± .003 [ 1.01 ] Position 1 as indicated be Triangle .100 ± .003 [2.54] Recommended P.C. Board Hole Pattern (Shown for mounting side of board.) .100 ± .003 [2.54] .025 ± .002 Sq [0.64] .100 Ref [2.54] .25 [6.4] Section A-A .236 ± .008 [ 5.99 ] .197 [ 5.00 ] .110 ± .008 [ 2.79 ] Position 2 Pin Quantity: (See Table 1) Inch [mm] ±.005 ±.1 ±.01 Tolerance Unless Noted .0 .00 .000 Inch [ ] Dimensions for Reference only Note 1: No ejector/latch option available. 2. Low temperature plastic. Check compatibility with “no lead” processing conditions prior to production use. Table 1 Pin Quantity Dimensions A B 06 .60 [ 15.4 ] .51 [ 12.9 ] 08 .70 [ 17.8 ] .61 [ 15.5 ] 10 .80 [ 20.3 ] .71 [ 18.0 ] 14 1.00 [ 25.4 ] .91 [ 23.1 ] 16 1.10 [ 27.9 ] 1.01 [ 25.6 ] 20 1.30 [ 33.0 ] 1.21 [ 30.7 ] 26 1.60 [ 40.6 ] 1.51 [ 38.4 ] 34 2.00 [ 50.8 ] 1.91 [ 48.5 ] 36 2.10 [ 53.6 ] 2.01 [ 51.0 ] 40 2.30 [ 58.4 ] 2.21 [ 56.1 ] 50 2.80 [ 71.1 ] 2.71 [ 68.8 ] Straight |