データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LLCC68 データシート(PDF) 45 Page - Semtech Corporation

部品番号 LLCC68
部品情報  Long Range, Low Power, sub-GHz RF Transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LLCC68 データシート(HTML) 45 Page - Semtech Corporation

Back Button LLCC68 Datasheet HTML 41Page - Semtech Corporation LLCC68 Datasheet HTML 42Page - Semtech Corporation LLCC68 Datasheet HTML 43Page - Semtech Corporation LLCC68 Datasheet HTML 44Page - Semtech Corporation LLCC68 Datasheet HTML 45Page - Semtech Corporation LLCC68 Datasheet HTML 46Page - Semtech Corporation LLCC68 Datasheet HTML 47Page - Semtech Corporation LLCC68 Datasheet HTML 48Page - Semtech Corporation LLCC68 Datasheet HTML 49Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
LLCC68
Data Sheet
Rev. 1.1
DS.LLCC68.W.APP
Dec 2024
45 of 111
Semtech
LLCC68
www.semtech.com
6.2.4 Special Settings for BRF= 0.6kbps and 1.2kbps
Additional radio settings are necessary for bit rates 0.6kbps and 1.2kbps specifically:
• BRF= 1.2kbps: Write 0 inside bit 4 at address 0x08B8 (read-modify-write instruction).
• BRF= 0.6kbps: Write the following bits (read-modify-write):
bits 4:3 @ 0x06D1 to 0x03
bits 4:2 @ 0x089B to 1
bit 4 @0x08B8 to 0
bit 6 @0x06AC to 1
bit 5 @ 0x06AC to 0
bit 4 @ 0x06AC to 1
The user can read the default values of registers 0x6D1, 0x89B, 0x6AC, and 0x8B8 at any time, and use those values to restore these registers
in case of need.
Note: These registers are not restored to their default value by commands SetPacketParam() or SetModulationParams().



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More