データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SG2011 データシート(PDF) 3 Page - SG Micro Corp

部品番号 SG2011
部品情報  300mA , Low Power, Low Dropout, Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SGMICRO [SG Micro Corp]
ホームページ  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SG2011 データシート(HTML) 3 Page - SG Micro Corp

  SG2011 Datasheet HTML 1Page - SG Micro Corp SG2011 Datasheet HTML 2Page - SG Micro Corp SG2011 Datasheet HTML 3Page - SG Micro Corp SG2011 Datasheet HTML 4Page - SG Micro Corp SG2011 Datasheet HTML 5Page - SG Micro Corp SG2011 Datasheet HTML 6Page - SG Micro Corp SG2011 Datasheet HTML 7Page - SG Micro Corp SG2011 Datasheet HTML 8Page - SG Micro Corp SG2011 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SG2011
ELECTRICAL CHARACTERISTICS
(VIN = VOUT (NOMINAL) + 0.5V or 2.5V (whichever is greater), TA = - 40°C to +125°C, unless otherwise noted. Typical values are at TA = + 25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
5.5
V
IOUT = 0.1mA, TA = +25°C
-1.8
1.8
IOUT = 0.1mA to 300mA,
TA = 0°C to +70°C
2.5
Output Voltage Accuracy
IOUT = 0.1mA to 300mA,
TA = - 40°C to +125°C
2.9
%
Output Current
300
mA
Current Limit
ILIM
310
750
mA
No load
80
140
Ground Pin Current
IQ
IOUT = 300mA
110
µA
IOUT = 1mA
0.8
Dropout Voltage(Note1)
IOUT = 300mA
210
340
mV
Line Regulation
ΔVLNR
VIN = 2.5V or (VOUT + 0.1V) to 5.5V,
IOUT = 1mA
0.004
0.15
%/V
Load Regulation
ΔVLDR
IOUT = 0.1mA to 300mA, COUT = 1µF
0.0005
0.002
%/mA
Output Voltage Noise
en
f = 10Hz to 100KHz, COUT = 10µF
120
µVRMS
f = 100Hz,
74
dB
Power Supply Rejection Rate
PSRR
ILOAD = 50mA, COUT = 1µF
f = 1KHz,
54
dB
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
160
Thermal Shutdown Hysteresis
ΔTSHDN
15
Specifications subject to change without notice.
Note 1: The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V.
(Only applicable for VOUT = +2.5V to +5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com