| データシートサーチシステム |
|
MLX90609EEA-R2 データシート(PDF) 11 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90609EEA-R2 データシート(HTML) 11 Page - Melexis Microelectronic Systems |
|
11 / 22 page ![]() MLX90609 Angular Rate Sensor (Standard version) 390109060901 Page 11 of 22 Data Sheet Rev 008 February/08 Figure 5-4. Synchronous Data Timing Parameter Limit Units Test Conditions/Comments t1 Minimum 30 ns SS to SCLK Rising Edge Setup Time t2 Minimum 80 ns SCLK High Duration t3 Minimum 80 ns SCLK Low Duration t4 Minimum 0 ns SS Hold Time t5 Minimum 50 ns SS High Duration t6 Minimum 80 ns Data In Setup Time t7 Minimum 50 ns Data In Hold Time t8 Maximum 50 ns Output Valid t9 Minimum 0 ns Output Hold Time t10 Maximum 40 ns Output Disable Time Table 5. SPI Timing Characteristics (see Figure 5-4Figure 5-4) |