| データシートサーチシステム |
|
US79 データシート(PDF) 7 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
US79 データシート(HTML) 7 Page - Melexis Microelectronic Systems |
|
7 / 9 page ![]() US79 Series CMOS Power Hall IC 39010US79 Page 7 of 9 DataSheet Rev. 006 Feb/04 10. Reliability Information This Melexis device is classified and qualified regarding soldering technology, solderability and moisture sensitivity level, as defined in this specification, according to following test methods: • IPC/JEDEC J-STD-020 Moisture/Reflow Sensitivity Classification For Nonhermetic Solid State Surface Mount Devices (classification reflow profiles according to table 5-2) • EIA/JEDEC JESD22-A113 Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing (reflow profiles according to table 2) • CECC00802 Standard Method For The Specification of Surface Mounting Components (SMDs) of Assessed Quality • EIA/JEDEC JESD22-B106 Resistance to soldering temperature for through-hole mounted devices • EN60749-15 Resistance to soldering temperature for through-hole mounted devices • MIL 883 Method 2003 / EIA/JEDEC JESD22-B102 Solderability For all soldering technologies deviating from above mentioned standard conditions (regarding peak temperature, temperature gradient, temperature profile etc) additional classification and qualification tests have to be agreed upon with Melexis. The application of Wave Soldering for SMD’s is allowed only after consulting Melexis regarding assurance of adhesive strength between device and board. Based on Melexis commitment to environmental responsibility, European legislation (Directive on the Restriction of the Use of Certain Hazardous substances, RoHS) and customer requests, Melexis has installed a Roadmap to qualify their package families for lead free processes also. Various lead free generic qualifications are running, current results on request. For more information on manufacturability/solderability see quality page at our website: http://www.melexis.com/html/pdf/MLXleadfree-statement.pdf 11. ESD Precautions Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures whenever handling semiconductor products. |