データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L165 データシート(PDF) 4 Page - STMicroelectronics

部品番号 L165
部品情報  3A POWER OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L165 データシート(HTML) 4 Page - STMicroelectronics

  L165 Datasheet HTML 1Page - STMicroelectronics L165 Datasheet HTML 2Page - STMicroelectronics L165 Datasheet HTML 3Page - STMicroelectronics L165 Datasheet HTML 4Page - STMicroelectronics L165 Datasheet HTML 5Page - STMicroelectronics L165 Datasheet HTML 6Page - STMicroelectronics L165 Datasheet HTML 7Page - STMicroelectronics L165 Datasheet HTML 8Page - STMicroelectronics L165 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/9
Figure 3. Open loop frequency response.
Figure 4. Closed loop frequency response
(circuit of figure 2).
F ig ure 5. L arge si gnal f re quency
response.
Figure 6. Maximum output current vs.
vo lt age [ V CE ] across each output
transistor.
Figure 7. Safe operating area and collector
characteristics of the protected power
transistor.
Figure 8. Maximum allowable power
dissipation vs. ambient temperature.
L165



Html Pages

1 2 3 4 5 6 7 8 9