| データシートサーチシステム |
|
LP2998MAX/NOPB データシート(PDF) 7 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LP2998MAX/NOPB データシート(HTML) 7 Page - Lattice Semiconductor |
|
7 / 32 page ![]() 7 ECP5 Versa Development Board ® Figure 5. Device Properties Dialog Box 5. Click OK in the Device Properties dialog box. You will return to the main configuration screen. 6. Set J50 jumper to ECP5 programming (see Appendix A, sheet 3 "Programming"). 7. Ensure the Configuration Mode is set to Master SPI using DIP Switch SW4 (see Table 3). 8. From the main programming window, select Program from the top toolbar. This begins the SPI Serial Flash programming. Note that the SPI Flash Background Programming operation is only possible when the ECP5 device is either erased or the active design has the MASTER_SPI_PORT mode enabled. For more details see TN1260, ECP5 sysCONFIG Usage Guide. |