| データシートサーチシステム |
|
DAO2V2P500G8KLF データシート(PDF) 4 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
DAO2V2P500G8KLF データシート(HTML) 4 Page - Amphenol Communications Solutions |
|
4 / 5 page ![]() www.amphenol-cs.com Disclaimer Please note that the above information is subject to change without notice. D-Subminiature High Power Series D A V 3W3 S A 00 9K LF PART NUMBER SELECTOR High Power-Cable Connector-Nomenclature Shell Size E, A, B, C Front Accessory Blank Without accessory L Threaded Insert M3 O Threaded Insert UNC4-40 V Female Screw UNC4-40 Lead-free Series PCB Accessory Definition A Without accessory to PCB Contacts S Socket P Plug Power Contacts 00 Without power contacts High Current 9K High Current 75A Layout of Contact D B V 5W5 S 5 00 H 9K LF High Power-RA PCB Connector Shell Size E, A, B, C Front Accessory Blank Without accessory L Threaded Insert M3 O Threaded Insert UNC4-40 V Female Screw UNC4-40 Lead-free Series Termination Type 5 Right angle/Europe standard Contacts S Socket P Plug Plating 00 500 mating/unmating PCB accessories definition A Without accessory H Metal brackets + harpoons for PCB 2.40mm G Metal brackets + harpoons for PCB 1.60mm M Metal brackets Power Contacts 9K Fitted with power contacts 75Amp Layout of Contact |