データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF5924 データシート(PDF) 13 Page - RF Micro Devices

部品番号 RF5924
部品情報  3.7V, SINGLE-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5924 データシート(HTML) 13 Page - RF Micro Devices

Back Button RF5924 Datasheet HTML 6Page - RF Micro Devices RF5924 Datasheet HTML 7Page - RF Micro Devices RF5924 Datasheet HTML 8Page - RF Micro Devices RF5924 Datasheet HTML 9Page - RF Micro Devices RF5924 Datasheet HTML 10Page - RF Micro Devices RF5924 Datasheet HTML 11Page - RF Micro Devices RF5924 Datasheet HTML 12Page - RF Micro Devices RF5924 Datasheet HTML 13Page - RF Micro Devices RF5924 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13 of 14
RF5924
Rev A6 DS061018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns for RFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern shown
has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to accommodate
lead and package tolerances. Since surface mount processes vary from company to company, careful process development is
recommended.
PCB Metal Land and Solder Mask Pattern
Dimensions in
mm.
A = 0.40 x 0.40 Typ.
B = 1.90 Sq. Typ.
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
0.75 Typ.
0.00
2.90 Typ.
2.15 Typ.
1.45 Typ.
1.45 Typ.
A = 0.55 x 0.55 Typ.
B = 2.05 Sq. Typ.
A
A
A
A
A
A A A
A
A
A
A
A
A
A
A
B
2.90 Typ.
2.15 Typ.
0.00
0.75 Typ.
1.45 Typ.
1.45 Typ.
Figure 1. PCB Metal Land and Solder Mask Pattern (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14