データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF5388PCBA-410 データシート(PDF) 5 Page - RF Micro Devices

部品番号 RF5388PCBA-410
部品情報  3.3V, DUAL-BAND FRONT-END MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5388PCBA-410 データシート(HTML) 5 Page - RF Micro Devices

  RF5388PCBA-410 Datasheet HTML 1Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5 of 14
RF5388
Preliminary
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Receive
Compliance
IEEE802.11b
IEEE802.11g
FCC CFR 15.247, 0.205, 0.209
Frequency
2.4
2.5
GHz
Insertion Loss
2.0
dB
SPDT switch+diplexer
Noise Figure
2.0
dB
SPDT switch+diplexer
Passband Ripple
-0.3
+0.3
dB
Output Return Loss
-10
dB
Current Consumption
30
μASwitch leakage current
Switch Voltages
3.0
3.6
V
Switch voltage in the high state.
0
0.2
V
Switch voltage in the low state.
5.0GHz Receive
Compliance
IEEE802.11a
IEEE802.11j
FCC CFR 15.247, 0.205, 0.209
Frequency
4.9
5.85
GHz
Insertion Gain
9
dB
Noise Figure
4.5
4.9
dB
SPDT switch+diplexer
Input P1dB
TBD
dBm
Input IP3
TBD
dBm
Passband Ripple
±1
dB
Output Return Loss
-10
dB
Current Consumption
15
mA
Switch Leakage Current
30
uA
LNA VCC
3.0
3.6
V
LNA VCC is in the high state
-0.2
+0.2
V
LNA VCC is in the low state
Switch Voltages
3.0
3.6
V
Switch voltage in the high state.
0
0.2
V
Switch voltage in the low state.
*The EVM specification includes a 0.5% to 0.7% source EVM floor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com