| データシートサーチシステム |
|
BB-400. データシート(PDF) 2 Page - Brainboxes Limited |
|
|
|||||||||||||||||||||||||||||
BB-400. データシート(HTML) 2 Page - Brainboxes Limited |
|
2 / 8 page ![]() BB RANGE UK +44 (0)151 220 2500 // USA +1 855 958 2502 // JAPAN +81-3-3683-0509 www.brainboxes.com // sales@brainboxes.com Uplink Connect to the wider network LAN BB-400 controls its own network Wi-Fi Antenna Power State Serial Power DIO 0-3 DIO 4-7 C NFC D Bluetooth B Serial A Programmable DIO Status LED States Solid Green Flashing Uplink Web Has internet connection Checking for internet connection Uplink Link Connected Data LAN Status 100 Mbps link LAN Link Connected Data Wi-Fi Web Has internet connection Checking for internet connection Wi-Fi Link Connected Scanning for Wi-Fi Wi-Fi Web + Link Connected to an access point Scanning for an access point DIO 1-8 User configurable on/off/flashing - default on when line high, off when line low A - Status Logged in Data B - NFC Available Data C - Serial Port Open Activity D - Bluetooth Available Pairing/Data Pre-charge 5 seconds - Full charge reached Charging Backup supply Running Device is ready OS booting/CPU activity UPS Alert External power loss detected - device using Backup power Will enter stopping Stopping Power loss unresolved - clean shutdown initiated 3 Flashes when shutdown completed |